Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 141 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 141 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 140Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 141Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 142Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 143Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 144Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 145Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 377 page
background image
Source
Vector Address
External Interrupt 0
0003H
Timer 0
000BH
External Interrupt 1
0013H
Timer 1
001BH
UART
0023H
ADC/SPI
002BH
PCA/LVD
0033H
Execution proceeds from that location until the RETI instruction is encountered. The RETI instruction informs
the processor that this interrupt routine is no longer in progress, then pops the top two bytes from the stack and
reloads the Program Counter. Execution of the interrupted program continues from where it left off.
Note that a simple RET instruction would also have returned execution to the interrupted program, but it would
have left the interrupt control system thinking an interrupt was still in progress.
6.5 External Interrupts
The external sources can be programmed to be level-activated or transition-activated by clearing or setting bit IT1
or IT0 in Register TCON. If ITx = 0, external interrupt x is triggered by a detected low at the INTx pin. If ITx=1,
external interrupt x is edge-triggered. In this mode if successive samples of the INTx pin show a high in one cycle
and a low in the next cycle, interrupt request flag IEx in TCON is set. Flag bit IEx then requests the interrupt.
Since the external interrupt pins are sampled once each machine cycle, an input high or low should hold for at
least 12 system clocks to ensure sampling. If the external interrupt is transition-activated, the external source has
to hold the request pin high for at least one machine cycle, and then hold it low for at least one machine cycle to
ensure that the transition is seen so that interrupt request flag IEx will be set. IEx will be automatically cleared by
the CPU when the service routine is called.
If the external interrupt is level-activated, the external source has to hold the request active until the requested
interrupt is actually generated. Then it has to deactivate the request before the interrupt service routine is
completed, or else another interrupt will be generated.
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com