Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 166 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 166 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 162Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 163Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 164Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 165Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 166Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 167Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 168Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 169Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 170Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 377 page
background image
1. TCON register: Timer/Counter Control Register (Bit-Addressable)
SFR name
Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
TCON
88H
name TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TF1: Timer/Counter 1 Overflow Flag. Set by hardware on Timer/Counter 1 overflow. The flag can be cleared by
software but is automatically cleared by hardware when processor vectors to the Timer 1 interrupt routine.
If TF1 = 0, No Timer 1 overflow detected.
If TF1 = 1, Timer 1 has overflowed.
TR1: Timer/Counter 1 Run Control bit. Set/cleared by software to turn Timer/Counter on/off.
If TR1 = 0, Timer 1 disabled.
If TR1 = 1, Timer 1 enabled.
TF0: Timer/Counter 0 Overflow Flag. Set by hardware on Timer/Counter 0 overflow. The flag can be cleared by
software but is automatically cleared by hardware when processor vectors to the Timer 0 interrupt routine.
If TF0 = 0, No Timer 0 overflow detected.
If TF0 = 1, Timer 0 has overflowed.
TR0: Timer/Counter 0 Run Control bit. Set/cleared by software to turn Timer/Counter on/off.
If TR0 = 0, Timer 0 disabled.
If TR0 = 1, Timer 0 enabled.
IE1: External Interrupt 1 Edge flag. Set by hardware when external interrupt edge/level defined by IT1 is
detected. The flag can be cleared by software but is automatically cleared when the external interrupt 1
service routine has been processed.
IT1: External Intenupt 1 Type Select bit. Set/cleared by software to specify falling edge/low level triggered ex-
ternal interrupt 1.
If IT1 = 0, INT1 is low level triggered.
If IT1 = 1, INT1 is edge triggered.
IE0: External Interrupt 0 Edge flag. Set by hardware when external interrupt edge/level defined by IT0 is
detected. The flag can be cleared by software but is automatically cleared when the external interrupt 0
service routine has been processed.
IT0: External Intenupt 0 Type Select bit. Set/cleared by software to specify falling edge/low level triggered ex-
ternal interrupt 0.
If IT0 = 0, INT0 is low level triggered.
If IT0 = 1, INT0 is edge triggered.
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com