Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 167 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 167 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 163Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 164Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 165Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 166Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 167Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 168Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 169Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 170Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 171Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 377 page
background image
2. TMOD register: Timer/Counter Mode Register
TMOD address: 89H (Non bit-addressable)
GATE
C/T
M1
M0
GATE
C/T
M1
M0
(MSB)
(LSB)
Timer 1
Timer 0
GATR/TMOD.7: Timer/Counter Gate Control.
If GATE/TMOD.7=0,Timer/Counter 1 enabled when TR1 is set irrespective of INT1 logic level;
If GATE/TMOD.7=1, Timer/Counter 1 enabled only when TR1 is set AND INT1 pin is high.
C/T/TMOD.6: Timer/Counter 1 Select bit.
If C/T/TMOD.6=0,Timer/Counter 1 is set for Timer operation (input from internal system clock);
If C/T/TMOD.6=0,Timer/Counter 1 is set for Counter operation (input from external T1 pin).
M1/TMOD.5 ~ M0/TMOD.4: Timer 1 Mode Select bits.
M1
M0
Operating Mode
00
Mode 0: 13-bit Timer/Counter for Timer 1
01
Mode 1: 16-bit Timer/Counter. TH1and TL1 are cascaded; there is no prescaler.
10
Mode 2: 8-bit auto-reload Timer/Counter. TH1 holds a value which is to be reloaded into TL1
each time it overflows.
11
Timer/Counter 1 stopped
GATR/TMOD.3: Timer/Counter Gate Control.
If GATE/TMOD.3=0,Timer/Counter 0 enabled when TR0 is set irrespective of INT0 logic level;
If GATE/TMOD.3=1, Timer/Counter 0 enabled only when TR0 is set AND INT0 pin is high.
C/T/TMOD.2: Timer/Counter 0 Select bit.
If C/T/TMOD.2=0,Timer/Counter 0 is set for Timer operation (input from internal system clock);
If C/T/TMOD.2=0,Timer/Counter 0 is set for Counter operation (input from external T0 pin).
M1/TMOD.1 ~ M0/TMOD.0: Timer 0 Mode Select bits.
M1
M0
Operating Mode
00
Mode 0: 13-bit Timer/Counter for Timer 0
01
Mode 1: 16-bit Timer/Counter. TH0 and TL0 are cascaded; there is no prescaler.
10
Mode 2: 8-bit auto-reload Timer/Counter. TH0 holds a value which is to be reloaded
into TL0 each time it overflows.
11
Mode3: TL0 is an 8-bit Timer/Counter controlled by the standard Timer 0 control bits
TH0 is an 8-bit timer only controlled by Timer 1 control bits.
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com