Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 170 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 170 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 166Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 167Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 168Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 169Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 170Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 171Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 172Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 173Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 174Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 377 page
background image
In this mode, the timer register is configured as a 16-bit register. As the count rolls over from all 1s to all 0s, it
sets the timer interrupt flag TF0. The counted input is enabled to the timer when TR0 = 1 and either GATE=0 or
INT0 = 1.(Setting GATE = 1 allows the Timer to be controlled by external input INT0, to facilitate pulse width
measurements.) TR0 is a control bit in the Special Function Register TCON. GATE is in TMOD.
The 16-Bit register consists of all 8 bits of TH0 and the lower 8 bits of TL0. Setting the run flag (TR0) does not
clear the registers.
Mode 1 is the same as Mode 0, except that the timer register is being run with all 16 bits.
Timer/Counter 0 Mode 1 : 16-Bit Timer/Counter
Interrupt
SYSclk
TL0
(8 Bits)
TH0
(8 bits)
TF0
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
AUXR.7/T0x12=0
÷12
÷1
AUXR.7/T0x12=1
C Program:
/*-------------------------------------------------------------------------------*/
/* --- STC MCU International Limited ----------------------------------*/
/* --- STC 1T Series 16-bit Timer Demo --------------------------------*/
/* If you want to use the program or the program referenced in the */
/* article, please specify in which data and procedures from STC */
/*-------------------------------------------------------------------------------*/
#include "reg51.h"
typedef unsigned char BYTE;
typedef unsigned int WORD;
//-----------------------------------------------
/* define constants */
#define FOSC 18432000L
#define MODE 1T
//Timer clock mode, comment this line is 12T mode, uncomment is 1T mode
There are two simple programs that demostrates Timer 0 as 16-bit Timer/Counter, one written in C language
while other in Assembly language.
7.2.2 Mode 1 (16-bit Timer/Counter) and Demo Programs (C and ASM)
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com