| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 111 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 111 Page - SPANSION |
|
111 / 216 page ![]() February 17, 2005 S75WS-N-00_00_A0 S75WS256Nxx Based MCPs 109 Data Sheet 19.1 Reading Array Data The device is automatically set to reading array data after device power-up. No commands are required to retrieve data in asynchronous mode. The device is ready to read array data after com- pleting an Embedded Program or Embedded Erase algorithm. After the device accepts an Erase Suspend command, the device enters the erase-suspend-read mode, after which the system can read data from any non-erase-suspended sector within the same device. After completing a programming operation in the Erase Suspend mode, the system may once again read array data from any non-erase-suspended sector within the same device. See the Erase Suspend/Erase Resume Commands section for more information. After the device accepts a Program Suspend command, the device enters the program-suspend- read mode, after which the system can read data from any non-program-suspended sector within the device. See Program Suspend/Program Resume Commands for more information. The system must issue the reset command to return device to the read (or erase-suspend-read) mode if DQ5 goes high during an active program or erase operation, or if the device is in the au- toselect mode. See the Reset Command section for more information. If DQ1 goes high during Write Buffer Programming, the system must issue the Write Buffer Abort Reset command. SA40 256 Kwords 0A00000h-0A3FFFFh SA104 256 Kwords 1A00000h-1A3FFFFh SA41 256 Kwords 0A40000h-0A7FFFFh SA105 256 Kwords 1A40000h-1A7FFFFh SA42 256 Kwords 0A80000h-0ABFFFFh SA106 256 Kwords 1A80000h-1ABFFFFh SA43 256 Kwords 0AC0000h-0AFFFFFh SA107 256 Kwords 1AC0000h-1AFFFFFh SA44 256 Kwords 0B00000h-0B3FFFFh SA108 256 Kwords 1B00000h-1B3FFFFh SA45 256 Kwords 0B40000h-0B7FFFFh SA109 256 Kwords 1B40000h-1B7FFFFh SA46 256 Kwords 0B80000h-0BBFFFFh SA110 256 Kwords 1B80000h-1BBFFFFh SA47 256 Kwords 0BC0000h-0BFFFFFh SA111 256 Kwords 1BC0000h-1BFFFFFh SA48 256 Kwords 0C00000h-0C3FFFFh SA112 256 Kwords 1C00000h-1C3FFFFh SA49 256 Kwords 0C40000h-0C7FFFFh SA113 256 Kwords 1C40000h-1C7FFFFh SA50 256 Kwords 0C80000h-0CBFFFFh SA114 256 Kwords 1C80000h-1CBFFFFh SA51 256 Kwords 0CC0000h-0CFFFFFh SA115 256 Kwords 1CC0000h-1CFFFFFh SA52 256 Kwords 0D00000h-0D3FFFFh SA116 256 Kwords 1D00000h-1D3FFFFh SA53 256 Kwords 0D40000h-0D7FFFFh SA117 256 Kwords 1D40000h-1D7FFFFh SA54 256 Kwords 0D80000h-0DBFFFFh SA118 256 Kwords 1D80000h-1DBFFFFh SA55 256 Kwords 0DC0000h-0DFFFFFh SA119 256 Kwords 1DC0000h-1DFFFFFh SA56 256 Kwords 0E00000h-0E3FFFFh SA120 256 Kwords 1E00000h-1E3FFFFh SA57 256 Kwords 0E40000h-0E7FFFFh SA121 256 Kwords 1E40000h-1E7FFFFh SA58 256 Kwords 0E80000h-0EBFFFFh SA122 256 Kwords 1E80000h-1EBFFFFh SA59 256 Kwords 0EC0000h-0EFFFFFh SA123 256 Kwords 1EC0000h-1EFFFFFh SA60 256 Kwords 0F00000h-0F3FFFFh SA124 256 Kwords 1F00000h-1F3FFFFh SA61 256 Kwords 0F40000h-0F7FFFFh SA125 256 Kwords 1F40000h-1F7FFFFh SA62 256 Kwords 0F80000h-0FBFFFFh SA126 256 Kwords 1F80000h-1FBFFFFh SA63 256 Kwords 0FC0000h-0FFFFFFh SA127 256 Kwords 1FC0000h-1FFFFFFh Table 19.6 Sector Address / Memory Address Map for the RS512N (Continued) Sector Sector Size (A24-A0) Address Range Sector Sector Size (A24-A0) Address Range |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |