| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 115 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 115 Page - SPANSION |
|
115 / 216 page ![]() February 17, 2005 S75WS-N-00_00_A0 S75WS256Nxx Based MCPs 113 Data Sheet 19.4 Configuration Register Table 19.9 shows the address bits that determine the configuration register settings for various device functions. Note: 3.Device will be in the default state upon power-up or hardware reset. Table 19.9 Configuration Register CR0. Bit Function Settings (Binary) CR0.15 Set Device Read Mode 0 = Synchronous Read (Burst Mode) Enabled 1 = Asynchronous Mode (default) CR0.14 Boundary Crossing 0 = No extra boundary crossing latency 1 = With extra boundary crossing latency (default) CR1.0 Programmable Wait State 0000 = Reserved 0001 = Data is valid on the 4th active CLK edge after addresses are latched 0010 = Data is valid on the 5th active CLK edge after addresses are latched 0011 = Data is valid on the 6th active CLK edge after addresses are latched 0100 = Data is valid on the 7th active CLK edge after addresses are latched 0101 = Data is valid on the 8th active CLK edge after addresses are latched 0110 = Reserved 0111 = Reserved 1000 = Data is valid on the 9th active CLK edge after addresses are latched 1001 = Data is valid on the 10th active CLK edge after addresses are latched 1010 = Data is valid on the 11th active CLK edge after addresses are latched 1011 = Data is valid on the 12th active CLK edge after addresses are latched 1100 = Data is valid on the 13th active CLK edge after addresses are latched (default) 1101 = Data is valid on the 14th active CLK edge after addresses are latched 1110 = Reserved 1111 = Reserved CR0.13 CR0.12 CR0.11 CR0.10 RDY Polarity 0 = RDY signal is active low 1 = RDY signal is active high (default) CR0.9 Reserved 1 = default CR0.8 RDY 0 = RDY active one clock cycle before data 1 = RDY active with data (default) CR0.7 Reserved 1 = default CR0.6 Reserved 1 = default CR0.5 Reserved 0 = default CR0.4 Reserved 0 = default CR0.3 Burst Wrap Around 0 = No Wrap Around Burst 1 = Wrap Around Burst (default) CR0.2 Burst Length 000 = Continuous (default) 010 = 8-Word Linear Burst 011 = 16-Word Linear Burst 100 = 32-Word Linear Burst (All other bit settings are reserved) CR0.1 CR0.0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |