Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 117 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 117 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 113Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 114Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 115Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 119Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 121Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 216 page
background image
February 17, 2005 S75WS-N-00_00_A0
S75WS256Nxx Based MCPs
115
Data
Sheet
The system must write the reset command to return to the read mode (or erase-suspend-read
mode if the device was previously in Erase Suspend).
19.7 Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is initiated by writ-
ing two unlock write cycles, followed by the program set-up command. The program address and
data are written next, which in turn initiate the Embedded Program algorithm. The system is not
required to provide further controls or timings. The device automatically provides internally gen-
erated program pulses and verifies the programmed cell margin. The Command Definitions table
shows the address and data requirements for the program command sequence.
When the Embedded Program algorithm is complete, the device then returns to the read mode
and addresses are no longer latched. The system can determine the status of the program oper-
ation by monitoring DQ7 or DQ6/DQ2. Refer to the “Write Operation Status” section for
information on these status bits.
Any commands written to the device during the Embedded Program Algorithm are ignored. Note
that a hardware reset immediately terminates the program operation. The program command se-
quence should be reinitiated once the device has returned to the read mode, to ensure data
integrity.
Programming is allowed in any sequence and across sector boundaries. A bit cannot be pro-
grammed from 0 back to a 1. Only erase operations can convert a 0 back to a 1.
Attempting to program a 1 over a 0 will result in a programming failure.
Note: See the Command Definitions table for program command sequence.
Figure 19.2 Program Word Operation
19.8 Write Buffer Programming Command Sequence
Write Buffer Programming Sequence allows for faster programming as compared to the standard
Program Command Sequence. See the Write Buffer Programming Operation section for the pro-
gram command sequence.
Table 19.11 Write Buffer Command Sequence
Sequence
Address
Data
Comment
Unlock Command 1
555
00AA
Not required in the Unlock Bypass mode
Unlock Command 2
2AA
0055
Same as above
Write Buffer Load
Sector Address
0025h
Specify the Number of Program
Locations
Starting Address
Word Count
Number of locations to program minus 1
Load 1st data word
Starting Address
Program Data
All addresses must be within write-buffer-
page boundaries, but do not have to be
loaded in any order
Load next data word
Write Buffer Location Program Data Same as above
...
...
...
Same as above
Load last data word
Write Buffer Location Program Data Same as above
Write Buffer Program Confirm
Sector Address
0029h
This command must follow the last write
buffer location loaded, or the operation will
ABORT
Device goes busy
Status monitoring through DQ pins
(Perform Data Bar Polling on the Last
Loaded Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com