Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 121 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 121 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 119Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 121Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 122Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 123Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 124Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 216 page
background image
February 17, 2005 S75WS-N-00_00_A0
S75WS256Nxx Based MCPs
119
Data
Sheet
20 Erase Suspend/Erase Resume Commands
Notes:
1.See the Command Definitions table for erase command sequence.
2.See the section on DQ3 for information on the sector erase timer.
Figure 20.4 Erase Operation
The Erase Suspend command allows the system to interrupt a sector erase operation and then
read data from, or program data to, any sector not selected for erasure. This command is valid
only during the sector erase operation, including the minimum tSEA time-out period during the
sector erase command sequence. The Erase Suspend command is ignored if written during the
chip erase operation or Embedded Program algorithm.
When the Erase Suspend command is written during the sector erase operation, the device re-
quires a maximum of tESL (Erase Suspend Latency) to suspend the erase operation. However,
when the Erase Suspend command is written during the sector erase time-out, the device imme-
diately terminates the time-out period and suspends the erase operation.
After the erase operation has been suspended, the device enters the erase-suspend-read mode.
The system can read data from or program data to any sector not selected for erasure. (The de-
vice erase suspends all sectors selected for erasure.) Reading at any address within erase-
suspended sectors produces status information on DQ7–DQ0. The system can use DQ7, or DQ6
and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See Write
Operation Status for information on these status bits.
After an erase-suspended program operation is complete, the device returns to the erase-sus-
pend-read mode. The system can determine the status of the program operation using the DQ7
or DQ6 status bits, just as in the standard program operation. See Write Operation Status for
more information.
In the erase-suspend-read mode, the system can also issue the autoselect command sequence.
See Write Buffer Programming Operation and Autoselect Command Sequence for details. To re-
sume the sector erase operation, the system must write the Erase Resume command. Further
writes of the Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
20.1 Program Suspend/Program Resume Commands
The Program Suspend command allows the system to interrupt a embedded programming oper-
ation or a Write to Buffer programming operation so that data can read from any non-suspended
sector. When the Program Suspend command is written during a programming process, the de-
vice halts the programming operation within tPSL (Program Suspend Latency) and updates the
status bits. Addresses are don’t-cares when writing the Program Suspend command.
After the programming operation has been suspended, the system can read array data from any
non-suspended sector. The Program Suspend command may also be issued during a program-
ming operation while an erase is suspended. In this case, data may be read from any addresses
not in Erase Suspend or Program Suspend. If a read is needed from the SecSi Sector area (One
Time Program area), then user must use the proper command sequences to enter and exit this
region. The system may also write the autoselect command sequence when the device is in Pro-
gram Suspend mode. The device allows reading autoselect codes in the suspended sectors, since
the codes are not stored in the memory array. When the device exits the autoselect mode, the
device reverts to Program Suspend mode, and is ready for another valid operation. See Autoselect
Command Sequence for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com