Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
TDA7514
52/74
Table 56. SUBADDRESS 9: Configuration Audio Processor I
(*) cfr. APSD MUTE table
Table 57. SUBADDRESS 10: Configuration Audio Processor II
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AP I2C Soft mute
0
force AP I2C mute (*)
1
allow AP mute from pin (*)
Soft Mute Time
0
0
Mute time = 0.48ms
0
1
Mute time = 0.96ms
1
0
Mute time = 20.2 ms
1
1
Mute time = 40.4 ms
STD mute ctrl.from AP mute
0
enabled (*)
1
disabled (*)
Bass Center frequency
0
0
60 Hz
0
1
80 Hz
1
0
100 Hz
1
1
130 Hz
Bass DC cut
0on
1off
Rear seat audio
0
on
1
off
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Loudness Treble Boost
0
on (advise bit7 byte10 = 1)
1
off (advise bit7 byte10 = 0)
Loudness Low Pass Corner Freq.
0
0
32.5 Hz
0
1
40 Hz
1
0
150 Hz
1
1
Not used (150 Hz)
Soft Step Time
0
0
280 us
0
1
560 us
1
0
1.12 ms
1
1
2.24 ms
Loudness Frequency Response
0Filter on
1
Filter flat (can be used as an attenuator)
Rear Seat Audio Selector
0
0
quasi differential input
0
1
single ended input
1
0
tuner
11
mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com