Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
53/74
TDA7514
Table 58.
SUBADDRESS 11: Configuration Audio Processor III
(*) cfr. APSD MUTE table
Table 59.
SUBADDRESS 12: Stereodecoder
(*) cfr. APSD MUTE table
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
APSD mute ctrl. from pin
0
pin influence disabled (*)
1
pin influence enabled (*)
Chime mix Left Front
0on
1off
Chime mix Right Front
0on
1off
Chime mix Left Rear
0on
1off
Chime mix Right Rear
0on
1off
Auto Zero enable
0off
1
on (0->1 causes AZ sequence to start; 1
enables sequence control from latch<0>)
Beep Frequencies
0
0
500 Hz
0
1
1000 Hz
1
0
2000 Hz
1
1
3000 Hz
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
STD I2C mute (high-ohmic + PLL hold)
0
force STD I2C mute (*)
1
allow STD mute ctrl. from pin
STD In Gain
0
0
+5.75 dB
0
1
+4.00 dB
1
0
+2.25 dB
1
1
+0.50 dB
0
NB AM old mode (if AM=1)
1
NB AM new mode (if AM=1)
0
Force Mono
1
Mono/Stereo switch automatically
Noise Blanker PEAK charge current
0low
1high
Pilot detector threshold
0high
1low
Deemphasis time constant FM AM (dep. on
source selector)
0
50 us 14.9 kHz
1
75 us 22.3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com