Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 9Page - STMicroelectronics TDA7514 Datasheet HTML 10Page - STMicroelectronics TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
13/74
TDA7514
3.2 AM
(Vcc = 8.5V; Tamb = 25°C; Vsg = 74dB
µVemf; fc = 999KHz; Modulation level = 30%, fmod = 400Hz;
80O+20pF/65pF dummy antenna; Filter@TUNEROUT: IEC_TUNER + Deemphasis = 50us, unless oth-
erwise specified).
Table 4.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
General (input level @SG emf)
US
Usable sensitivity
SNR=20dB
26
dB
µVemf
SNR
Signal to Noise Ratio
50
dB
MS
Maximum Sensitivity
@
∆Vout=-10dB, SoftMute:off
20
dB
µVemf
THD1
Total Harmonic Distortion1
mod=30%, VSG=74 dBµVemf
0.1
%
THD2
Total Harmonic Distortion2
mod=80%, VSG=74 dBµVemf
0.2
%
THD3
Total Harmonic Distortion3
mod=30%,
VSG=120dBµVemf
0.2
%
THD4
Total Harmonic Distortion4
mod=80%,
VSG=120dBµVemf
0.5
%
THDLF
THD @ Low frequency
mod=30%, fmod=100Hz
0.2
%
Vout
Level of TUNEROUT
TUNEROUT
370
mVrms
ISN
Interstation noise level
Vout @RF:off & SoftMute:off
-35
dB
IFCS
IF Counter Sensitivity
10
dB
µVemf
Icctun
DC Supply Current@TUNVCC
85
mA
Iccmix1
DC Supply Current@IFT1
5
mA
Iccif1
DC Supply Current@IF1VCC
10
mA
Iccmix2
DC Supply Current@IFT2
2
mA
Iccosc
DC Supply
Current@OSCVCC
8mA
Iccpll
DC Supply Current@PLLVCC
5
mA
Iccdig
DC Supply Current@DIGVCC
10
mA
MIXER1
Gv
Conversion gain
From AMMIXER1IN+ to
IFT1; secondary loaded with
330
Ω
3.5
dB
Rin
Input resistance (differential)
 
1K
IIP3mix1
Input-referred IP3
130
dB
µV
AGC1 Wide Band AGC (input: AMMIXER1in+ and AMMIXER1IN-; FEAGC in open-loop configuration)
WAGCspl
Starting point minimum
Level at AMMIX1IN+
@IAGCOUT = 1µA,
RF=999KHz, Set=0
94.4
dB
µV
WAGCsph
Starting point maximum
Level at AMMIX1IN+
@IAGCOUT = 1µA,
RF=999KHz, Set=31
115.5
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com