Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 55 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
55/74
TDA7514
Table 60.
SUBADDRESS 14: Noise Blanker
Table 61.
SUBADDRESS 15: Noiseblanker & High Cut
(**)cfr. HCC/SB threshold table
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Low Threshold (FM)
(AM)
0
0
0
65 mV
166%
0
0
1
60 mV
156%
0
1
0
55 mV
147%
0
1
1
50 mV
137%
1
0
0
45 mV
128%
1
0
1
40 mV
118%
1
1
0
35 mV
109%
1
1
1
30 mV
99%
Noise Controlled Threshold
0
0
320 mV
0
1
260 mV
1
0
200 mV
1
1
140 mV
0
Noise blanker OFF
1
Noise blanker ON
Over deviation threshold
0
0
Over deviation adjust 2.8V
0
1
Over deviation adjust 2.0V
1
0
Over deviation adjust 1.2V
1
1
Over deviation detector OFF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
VHCH Shift ("a" factor) (**)
0
001
97%
0
010
73%
0
100
50%
1
000
32%
Strong multipath-controlled Noise Rectifier
Discharge Resistor (if bit7 byte 16 = 1)
0
0
R = infinity
0
1
R = 56Mohm
1
0
R = 33Mohm
1
1
R = 18Mohm
Noise Blanker Time
FM
AM
0
0
34 us
1130 us
0
1
24 us
755 us
1
0
29 us
950 us
1
1
22 us
651 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com