Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics TDA7514 Datasheet HTML 61Page - STMicroelectronics TDA7514 Datasheet HTML 62Page - STMicroelectronics TDA7514 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
59/74
TDA7514
Table 67. SUBADDRESS 21: ISS Multipath
Table 68.
SUBADDRESS 22: ISS Deviation Thresholds
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Multipath control
0ON
1OFF
x
not used
x
not used
MP threshold
0
0
0.50 V
0
1
0.75 V
1
0
1.00 V
1
1
1.25 V
x
not used
x
not used
0
MP=1 disables "ac+" detection
1
MP=1 disables "ac" and "ac+" detection
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
peak detector discharge current
000
6uA
001
8uA
0
1
0
10uA
0
1
1
12uA
1
0
0
14uA
1
0
1
16uA
1
1
0
18uA
1
1
1
20uA
"dev" threshold
0
0
30 kHz
0
1
45 kHz
1
0
60 kHz
1
1
75 kHz
dev+ / dev thresholds ratio
00
1.5
01
1.4
10
1.3
11
1.0
x
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com