Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 5Page - STMicroelectronics TDA7514 Datasheet HTML 6Page - STMicroelectronics TDA7514 Datasheet HTML 7Page - STMicroelectronics TDA7514 Datasheet HTML 8Page - STMicroelectronics TDA7514 Datasheet HTML 9Page - STMicroelectronics TDA7514 Datasheet HTML 10Page - STMicroelectronics TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
9/74
TDA7514
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vthacstep
Threshold for weak adjacent
step
100
mV
∆ACl
Differential Vthreshold between
weak and strong adjacent low
0mV
∆ACh
Differential Vthreshold between
weak and strong adjacent high
300
mV
∆ACstep
Differential Vthreshold between
weak and strong step
100
mV
ACdesen1
Desens Th1
Vsmeter at starting desens
0.25
V
ACdesen2
Desens Th2
Vsmeter at starting desens
0.83
V
ACdesen3
Desens Th3
Vsmeter at starting desens
1.42
V
ACdesen4
Desens Th4
Vsmeter at starting desens
2.0
V
Slop1
∆AC/∆Vsmeter1
T22<6:5>=00
-2.7
Slop2
∆AC/∆Vsmeter2
T22<6:5>=01
-3.3
Slop3
∆AC/∆Vsmeter3
T22<6:5>=10
-5
Slop4
∆AC/∆Vsmeter4
T22<6:5>=11
-10
Multipath Channel detector for ISS ( input: Smeter unfiltered+Buffer)
FcenterMP
BPF center
19
kHz
Qmp
Quality factor of BPF
8.5
FiltGv1
Gain1 of BPF
T25<1:0>=00
-7
dB
FiltGv2
Gain2 of BPF
T25<1:0>=01
4
dB
FiltGv3
Gain3 of BPF
T25<1:0>=10
7
dB
FiltGv4
Gain4 of BPF
T25<1:0>=11
10
dB
Grect1
Rectifier Gain1
T25<3:2>=00
6
dB
Grect2
Rectifier Gain2
T25<3:2>=01
12
dB
Grect3
Rectifier Gain3
T25<3:2>=10
18
dB
Grect4
Rectifier Gain4
T25<3:2>=11
22
dB
Vmpl
Output voltage low
3.0
V
Vmph
Output voltage high
4.9
V
Vthmp1
Threshold level1
3.49
V
Vthmp2
Threshold level2
3.74
V
Vthmp3
Threshold level3
4.06
V
Vthmp4
Threshold level4
4.31
V
Deviation detector for ISS (input: Demodulator output)
FcDev
Cutoff Frequency of MPX LPF
(2nd order)
10
kHz
Table 3. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com