Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 40Page - STMicroelectronics TDA7514 Datasheet HTML 41Page - STMicroelectronics TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
TDA7514
44/74
Table 40. SUBADDRESS 24: XTAL adjustment, clock sep
Table 41. SUBADDRESS 25 : Multipath DETECTOR, QUALITY OUT
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
XTAL ajustment
capacitors from XTALG to gnd
from XTALD to gnd
0000
0
0 pF
0 pF
0000
1
1.25 pF
1.25 pF
0001
0
2.5 pF
2.5 pF
0010
0
5 pF
5 pF
0100
0
10 pF
10 pF
1000
0
20 pF
20 pF
1111
1
38.75 pF
38.75 pF
XTAL test
0
std xtal clock
1
clocksep (test on)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS/quality MPath det. filter gain
00
-7.2 dB
0
1
4.3 dB
1
0
6.5 dB
1
1
10.4 dB
ISS MPath det. rectifier gain
0
0
6 dB
1
0
12 dB
0
1
18 dB
1
1
21.5 dB
Quality out MPath gain
00
off
01
-4 dB
1
0
0 dB
11
+4 dB
Quality out AdjChann gain
00
off
01
-4 dB
1
0
0 dB
11
+4 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com