Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 8Page - STMicroelectronics TDA7514 Datasheet HTML 9Page - STMicroelectronics TDA7514 Datasheet HTML 10Page - STMicroelectronics TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
TDA7514
12/74
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Smeter Control for SNC and HCC
Gvsml
Gain minimum
T15<3:0>=000
0
dB
Gvsmh
Gain maximum
T15<3:0>=111
2.25
dB
Gvsmstep
Gain step
0.15
dB
Quality_ACMPout (High output corresponds to good quality)
Gqacmp1mp
Gain output level1 for multipath
T25<5:4>=01
-4
dB
Gqacmp2mp
Gain output level2 for multipath
T25<5:4>=10
0
dB
Gqacmp3mp
Gain output level3 for multipath
T25<5:4>=11
+4
dB
Gqacmp4mp
Gain output level4 for multipath
T25<5:4>=00
-60
dB
Gqacmp1ac
Gain output level1 for adjacent
channel
T25<7:6>=01
-4
dB
Gqacmp2ac
Gain output level2 for adjacent
channel
T25<7:6>=10
0
dB
Gqacmp3ac
Gain output level3 for adjacent
channel
T25<7:6>=11
+4
dB
Gqacmp4ac
Gain output level4 for adjacent
channel
T25<7:6>=00
-60
dB
Vqacmpmax
Maximum output level
5.0
V
Vqacmpmin
Minimum output level
0
V
Quality_MPout (Low output corresponds to good quality)
Vqacmax
Maximum output level
5
V
Vqacmin
Minimum output level
0.9
V
Roll off compensation for TUNEROUT
∆Vc120
Delta voltage between ISS120
ON and ISS OFF
@53KHz
1
dB
∆Vc80
Delta voltage between ISS80
ON and ISS OFF
@53KHz
1
dB
Weather Band Audio Gain Boost
Gvwbbst
Boosted gain
23.5
dB
Table 3. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com