Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 32Page - STMicroelectronics TDA7514 Datasheet HTML 33Page - STMicroelectronics TDA7514 Datasheet HTML 34Page - STMicroelectronics TDA7514 Datasheet HTML 35Page - STMicroelectronics TDA7514 Datasheet HTML 36Page - STMicroelectronics TDA7514 Datasheet HTML 37Page - STMicroelectronics TDA7514 Datasheet HTML 38Page - STMicroelectronics TDA7514 Datasheet HTML 39Page - STMicroelectronics TDA7514 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
TDA7514
36/74
Table 27. SUBADDRESS 12: AM NAGC , AM VCO Divider
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AM Narow band AGC Threshold
@AMMIX2in
@SG
0
0
0
0
0
79.9
77.9
0
0
0
0
1
82.4
80.4
0
0
0
1
0
84.2
82.2
0
0
0
1
1
85.7
83.7
0
0
1
0
0
86.5
84.5
0
0
1
0
1
87.7
85.7
0
0
1
1
0
88.6
86.6
0
0
1
1
1
89.5
87.5
0
1
0
0
0
90.1
88.1
0
1
0
0
1
91.0
89.0
0
1
0
1
0
91.6
89.6
0
1
0
1
1
92.1
90.1
0
1
1
0
0
92.6
90.6
0
1
1
0
1
93.1
91.1
0
1
1
1
0
93.6
91.6
0
1
1
1
1
94.0
92.0
1
0
0
0
0
94.5
92.5
1
0
0
0
1
94.8
92.8
1
0
0
1
0
95.2
93.2
1
0
0
1
1
95.5
93.5
1
0
1
0
0
96.0
94.0
1
0
1
0
1
96.2
94.2
1
0
1
1
0
96.9
94.9
1
0
1
1
1
97.2
95.2
1
1
0
0
0
97.5
95.5
1
1
0
0
1
98.0
96.0
1
1
0
1
1
98.5
96.5
1
1
0
1
0
98.8
96.8
1
1
1
0
0
99.1
97.1
1
1
1
0
1
99.4
97.4
1
1
1
1
0
99.7
97.7
1
1
1
1
1
100.0
98.0
FM Soft Mute to deviation threshold
0
50mV
1150mV
AM VCO divider mode
00
divide by 10
01
divide by 8
10
divide by 6
11
divide by 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com