Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics TDA7514 Datasheet HTML 19Page - STMicroelectronics TDA7514 Datasheet HTML 20Page - STMicroelectronics TDA7514 Datasheet HTML 21Page - STMicroelectronics TDA7514 Datasheet HTML 22Page - STMicroelectronics TDA7514 Datasheet HTML 23Page - STMicroelectronics TDA7514 Datasheet HTML 24Page - STMicroelectronics TDA7514 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
21/74
TDA7514
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Blend Adjustment
The filtered Smeter input to the SNC detector has variable gain and
offset. See SNC Detector specs.
High Cut Control
VHCH
VHCH = a * b * 4V
(level = Smeter * 1.0)
see below
a
VHCH Shift “a” factor
0001
97
%
0010
73
%
0100
50
%
1000
32
%
b
VHCH “b” factor
00
67
%
01
75
%
10
83
%
11
92
%
VHCL
VHC Control Voltage for FULL
Highcut Rolloff
for HCC control from level (where level = Smeter * 1.0):
VHCL = a * b * c * 4V
(or VHCL = c * VHCH)
for HCC control from SNC:
VHCL = 2V + a * b * c * 3V
c
VHCL “c” factor
00
16.70
%
01
22.20
%
10
27.80
%
11
33.30
%
fc range
HCC Filter cutoff frequency
range
00
20kHz
~
4kHz
01
10kHz
~
2kHz
10
4kHz
~
800Hz
11
4kHz
~
800Hz
HCC step
Number of settings (per
range)
32
Table 8. Quality Actuators (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com