Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 62 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics TDA7514 Datasheet HTML 61Page - STMicroelectronics TDA7514 Datasheet HTML 62Page - STMicroelectronics TDA7514 Datasheet HTML 63Page - STMicroelectronics TDA7514 Datasheet HTML 64Page - STMicroelectronics TDA7514 Datasheet HTML 65Page - STMicroelectronics TDA7514 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
TDA7514
62/74
Table 74. Audio Processor / Stereo Decoder Mute
byte 12 bit 0 = 0 force I2Cbus STD mute
byte 9 bit 0 = 0 force I2Cbus AP mute
11 bit 0 = 1 AP / STD mute depends on pin
HCC control from SNC
VHCH = 2V + 3V * a * b
VHCL = 2V + 3V * a * b *c
HCC control from level
(level = Smeter * 0.7)
VHCH = ab 4V
VHCL = abc 4V
SBL
VSBL = 2V + d 3V
BYTE 9
BYTE 9
BYTE 11
BYTE 12
pin
status
status
BIT 0BIT 3BIT 0BIT 0
55
AP
STD
0
0000
mute
mute
0
0001
mute
mute
0
0010
mute
mute
0
0011
mute
mute
0
0100
mute
mute
0
0101
mute
mute
0
0110
mute
mute
0
0111
mute
play
0
1000
mute
mute
0
1001
mute
mute
0
1010
mute
play
0
1011
mute
play
0
1100
mute
mute
0
1101
mute
mute
0
1110
mute
mute
0
1111
mute
play
1
0000
play
mute
1
0001
play
mute
1
0010
play
play
1
0011
play
play
1
0100
mute
mute
1
0101
play
mute
1
0110
mute
mute
1
0111
play
play
1
1000
play
mute
1
1001
play
mute
1
1010
play
play
1
1011
play
play
1
1100
mute
mute
1
1101
play
mute
1
1110
mute
mute
1
1111
play
play



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com