Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 61 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics TDA7514 Datasheet HTML 61Page - STMicroelectronics TDA7514 Datasheet HTML 62Page - STMicroelectronics TDA7514 Datasheet HTML 63Page - STMicroelectronics TDA7514 Datasheet HTML 64Page - STMicroelectronics TDA7514 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
61/74
TDA7514
Table 71. SUBADDRESSES 25-27: ISS Filter Control Matrix
Table 72.
Table 73. SUBADDRESS 28: VSBL Generation, HC Range
Strong field (Sm = 0)
Truth table for ISSon
small frequency deviation
medium frequency deviation
large frequency deviation
No adjacent channel
0
0
0
Weak adjacent channel
byte 25 / bit 0
byte 25 / bit 1
byte 25 / bit 2
Strong adjacent channel
1
byte 25 / bit 3
byte 25 / bit 4
Truth table for ISS80
small frequency deviation
medium frequency deviation
large frequency deviation
No adjacent channel
0
0
0
Weak adjacent channel
byte 25 / bit 5
byte 25 / bit 6
0
Strong adjacent channel
byte 25 / bit 7
byte 26 / bit 0
byte 26 / bit 1
Weak field (Sm = 1)
Truth table for ISSon
small frequency deviation
medium frequency deviation
large frequency deviation
No adjacent channel
1
byte 26 / bit 2
0
Weak adjacent channel
1
byte 26 / bit 3
byte 26 / bit 4
Strong adjacent channel
1
1
byte 26 / bit 5
Truth table for ISS80
small frequency deviation
medium frequency deviation
large frequency deviation
No adjacent channel
byte 26 / bit 6
byte 26 / bit 7
0
Weak adjacent channel
byte 27 / bit 0
byte 27 / bit 1
byte 27 / bit 2
Strong adjacent channel
1
byte 27 / bit 3
byte 27 / bit 4
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
VSBL ("d" factor) (**)
000
29%
001
33%
010
38%
011
42%
100
46%
101
50%
110
54%
111
58%
High Cut filter range
0
0
20 kHz - 4 kHz
0
1
10 kHz - 2 kHz
1
0
4 kHz - 800 Hz
1
1
4 kHz - 800 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com