Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 50 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
TDA7514
50/74
Table 52. Subaddress 1,4,5,6,7: Volume Spkr atten. LF, RF, LR, RR
Table 53. SUBADDRESS 2: Loudness
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Gain/Attenuation
0
0
0
1
1
1
1
15dB
-
-
-
--
--
-
000
0
0
0
1
1dB
000
0
0
0
0
0dB
001
0
0
0
0
0dB
001
0
0
0
1
-1dB
-
-
-
--
--
-
0
1
0
0
0
0
0
-16dB
-
-
-
--
--
-
0
1
1
0
0
0
0
-32dB
-
-
-
--
--
-
1
0
0
0
0
0
0
-48dB
-
-
-
--
--
-
1
0
1
0
0
0
0
-64dB
-
-
-
--
--
-
1
0
1
1
1
1
0
-79dB
1
1
X
XXX
X
mute
Bass filter DC modeSoft Step On/Off
0On
1Off
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Attenuation
00000
0 dB
00001
-1 dB
00010
-2 dB
..
...
.
10011
-19 dB
10100
-20 dB
all higher values not allowed
Loudness High Pass Corner Freq.
00
4 kHz
01
6 kHz
10
8 kHz
1
1
10 kHz
Soft Step On/Off
0
On
1
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com