Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
TDA7514
56/74
Table 62. SUBADDRESS 16: Noiseblanker
(**) cfr. HCC/SB threshold table
(***) lower limit for possible automatic HC filter position; frequency is given by the following formula:
with N given by the software table abovef the minimum HC filter pole frequency depends on the HC range selected (see byte 28 bits <4:3>)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
High cut enable
0
High Cut OFF (fixed to max corner freq.)
1
High Cut ON
Max. High Cut (***)
00
max N "4"
0
1
max N "13"
1
0
max N "20"
1
1
max N "31"
VHCH ("b" factor) (**)
0
0
67%
0
1
75%
1
0
83%
1
1
92%
VHCL ("c" factor) (**)
0
0
20%
0
1
25%
1
0
30%
1
1
35%
Strong multipath influence on rectifier
discharge current
0
disabled
1
enabled
fp
1
1
f
max
----------
N
31
------
1
f
min
--------
1
f
max
----------
–
⎝⎠
⎛⎞
+
-------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com