Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 7Page - STMicroelectronics TDA7514 Datasheet HTML 8Page - STMicroelectronics TDA7514 Datasheet HTML 9Page - STMicroelectronics TDA7514 Datasheet HTML 10Page - STMicroelectronics TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
11/74
TDA7514
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
SoftMute by Adjacent Channel Detector
Vthsmac1
Threshold level1
T14<2>=0
2.75
V
Vthsmac2
Threshold level2
T14<2>=1
3.25
V
Attsmac1
Attenuation1
T14<7:6>=00
0
dB
Attsmac2
Attenuation2
T14<7:6>=01
6
dB
Attsmac3
Attenuation3
T14<7:6>=10
9
dB
Attsmac4
Attenuation4
T14<7:6>=11
12
dB
Station Detector by Smeter
VSDl
Low output level
@SDpin
0
V
VSDh
High output level
@SDpin
5
V
Vthsdmin
Threshold level minimum
T20<3:0>=0000
0.4
V
Vthsdmax
Threshold level maximum
T20<3:0>=1111
3.4
V
Vthsdstep
Threshold level step
0.2
V
Adjacent Channel Detector for Quality outputs, SNC and HCC
F1ac1
Cutoff or center frequency of
filter1
T8<4>=0
83
kHz
F1ac2
Cutoff or center frequency of
filter1
T8<4>=1
104
kHz
F2ac1
Cutoff or center frequency of
filter2
T8<5>=0
119
kHz
F2ac2
Cutoff or center frequency of
filter2
T8<5>=1
139
kHz
GcF2ac1
Gain of filter2
T18<7>=0
8.7
dB
GcF2ac2
Gain of filter2
T18<7>=1
14.7
dB
∆Vrect1
Offset1 of rectifier for
SNC&HCC
T18<5:4>=00
0.4
V
∆Vrect2
Offset2 of rectifier for
SNC&HCC
T18<5:4>=01
0.8
V
∆Vrect3
Offset3 of rectifier for
SNC&HCC
T18<5:4>=10
1.2
V
∆Vrect4
Offset4 of rectifier for
SNC&HCC
T18<5:4>=11
1.6
V
Multipath Detector for Quality output, SNC and HCC (Filter shared with ISS multipath detector)
Gvrectl
Rectifier Gain minimum
T15<7:5>=000
5
dB
Gvrecth
Rectifier Gain maximum
T15<7:5>=111
13.4
dB
Gvrectstep
Rectifier Gain step
1.2
dB
Table 3. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com