Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics TDA7514 Datasheet HTML 19Page - STMicroelectronics TDA7514 Datasheet HTML 20Page - STMicroelectronics TDA7514 Datasheet HTML 21Page - STMicroelectronics TDA7514 Datasheet HTML 22Page - STMicroelectronics TDA7514 Datasheet HTML 23Page - STMicroelectronics TDA7514 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
TDA7514
20/74
Notes:
1.
All thresholds are measured using a pulse with TR = 2
µs, THIGH= 2 µs and TF = 10 µs. The repetition rate must
not increase the PEAK voltage.
2. By design/characterization functionally guaranteed through dedicated test mode structure
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VADJMP
Noise rectifier adjustment
through Multipath (2)
Signal PEAK in Testmode
00
0.3
V/ms
01
0.5
V/ms
10
0.7
V/ms
11
0.9
V/ms
AM Noise Blanker
TD
AM delay time
128
µs
fc
Corner frequency of AM
delay filter
4kHz
AM config
AM configuration
Old mode (signal dependant
threshold)
Noise dependent threshold
New mode (fixed threshold),
STDInGain must be 0.5dB
140
%
fcHP
AM Noise Detector High
Pass Frequency
010
kHz
120
kHz
AM Noise Detector High
Pass Filter Order
0
1st order
1
2nd
order
TSAM
Suppression Pulse
Duration AM Signal
HOLDN in Testmode
00
1.2
ms
01
800
µs
10
1.0
ms
11
640
µs
Table 8. Quality Actuators
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Stereo Blend
VsbST
Vsb control voltage for full
stereo
5V
VSBL
VSBL = 2V + (“d” factor) * 3V
see below
d
VSB Control Voltage for Full
Mono
d factor
000
29
%
001
33
%
010
38
%
011
42
%
100
46
%
101
50
%
110
54
%
111
58
%
Table 7. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com