Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
TDA7514
48/74
4.10 Section 2 (Stereodecoder, Audioprocessor + Tuner)Section 1 (Turner)
Table 48. ADDRESS
Table 49. SUBADDRESS
4.11 READ MODE: ISS OUTPUT
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
10
0011
0
R/W
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
testcon
azhold
autoincr
subaddress
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
SMETER ADC
STEREO
SMON
Table 50. AUDIO PROCESSOR / STEREO DECODER - RELATED BYTES
MSB
LSB
Function
Subaddr.
D7
D6
D5
D4
D3
D2
D1
D0
0
loudness
gain
correctionl
input gain
source selector
Source selector,
1
soft step
volume steps
Volume
2
soft step
loudness gain pass
corner frequency
loudness steps
loudness
3
speaker
coupling
treble center
frequency
treble steps
Treble
4
soft step
bass quality factor
bass steps
Bass
5
soft step
Speaker steps
Speaker Left Front
6
soft step
Speaker steps
Speaker LRight Front
7
soft step
Speaker steps
Speaker Left Rear
8
soft step
Speaker steps
Speaker Right Rear
9
rear seat
audio on
bass DC
cut
bass center
frequency
mute (*)
soft mute time
mute (*)
Configuration Audio Processor 1
10
rear seat audio selector
loudness
freq. resp.
soft step time
loudness low pass
corner frequency
loudness
treble
boost
Configuration Audio Processor II
11
beep frequency
AZ on
chime dis
mute (*)
Configuration Audio Processor III
RR
LR
RF
LF
12
de-emph
time
constant
pilot
threshold
NB peak
charge
cur
force
mono
NB AM fix
threshold
Std In Gain
mute (*) Stereo decoder II, NB II
13
MP infl. on
NB enable
NB dis.
from MP
(test)
NB AM
HPF order
NB AM
HPF
corner
roll-off compensation
Stereo decoder III, NB IV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com