Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 35Page - STMicroelectronics TDA7514 Datasheet HTML 36Page - STMicroelectronics TDA7514 Datasheet HTML 37Page - STMicroelectronics TDA7514 Datasheet HTML 38Page - STMicroelectronics TDA7514 Datasheet HTML 39Page - STMicroelectronics TDA7514 Datasheet HTML 40Page - STMicroelectronics TDA7514 Datasheet HTML 41Page - STMicroelectronics TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
39/74
TDA7514
Table 32. SUBADDRESS 17: FM IF AMP Gain, ISS center frequency, Smeter / ISS test connections
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM IF Amp1 gain
0
0
14 dB
0
1
18 dB
1
0
21.5 dB
1
1
not used
FM IF Amp2 gain (10.7 MHz) [byte<28>bit<6>=0]
0
0
(7 dB) not used
0
1
9 dB
1
0
11 dB
1
1
15 dB
FM IF Amp2 gain (450 kHz) [byte<28>bit<6>=1]
0
0
7 dB
0
1
7 dB
1
0
9 dB
1
1
not used
ISS filter center frequency
0
0
430 kHz
1
0
440 kHz
0
1
450 kHz
1
1
460 kHz
Unfiltered Smeter test connection
0std
1
unfilt Smeter users connected to #ACinL
unfilt Smeter source disconnected form users
ISS test MUXer connection
0std
1
ISS test MUXer (TMODE1) connected to #SMETERTC
Smeter filt (60ms/1s) R disconnected from #SMETERTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com