Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics TDA7514 Datasheet HTML 19Page - STMicroelectronics TDA7514 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
TDA7514
16/74
3.3 VCO, PLL AND XTAL OSCILLATOR
Table 5.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Voffset4
Rectifier offset4
T31<3:0>=0100
212
mV
Voffset5
Rectifier offset5
T31<3:0>=0101
257
mV
Voffset6
Rectifier offset6
T31<3:0>=0110
312
mV
Voffset7
Rectifier offset7
T31<3:0>=0111
362
mV
Voffset8
Rectifier offset8
T31<3:0>=1000
439
mV
Voffset9
Rectifier offset9
T31<3:0>=1001
485
mV
Voffset10
Rectifier offset10
T31<3:0>=1010
541
mV
Voffset11
Rectifier offset11
T31<3:0>=1011
587
mV
Voffset12
Rectifier offset8
T31<3:0>=1100
653
mV
Voffset13
Rectifier offset9
T31<3:0>=1101
700
mV
Voffset14
Rectifier offset10
T31<3:0>=1110
755
mV
Voffset15
Rectifier offset11
T31<3:0>=1111
800
mV
Vdesens1
Desens threshold1
T31<5:4>=00
4.4
V
Vdesens2
Desens threshold2
T31<5:4>=01
2.65
V
Vdesens3
Desens threshold3
T31<5:4>=10
1.8
V
Vdesens4
Desens threshold4
T31<5:4>=11
1.4
V
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCO
Fvcomin
Minimum VCO frequency
VCC=8.5V
155
MHz
Fvcomax
Maximum VCO frequency
VCC=8.5V
280
MHz
Vosc
Level of oscillation
@200MHz, ( RF=89.3MHz )
VCOB , Impedance of active
probe is 0.7pF//1M
Ω
105
dB
µV
Loop Filter Output Voltage
Vlpoutmin
Minimum LPOUT
0.05
V
Vlpoutmax
Maximum LPOUT
VCC-0.05
8.45
V
Xtal Oscillator
Vxtal
Oscillation level
@XtalD , with 3pF between
XtalD and XtalG, Set to
11.25pF
123.5
dB
µV
FXTALmax
Adjustment range maximum
+1.95
kHz
FXTALmin
Adjustment range minimum
-1.60
kHz
FXTALstep
Adjustment range step
124
Hz
Table 4. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com