Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 39Page - STMicroelectronics TDA7514 Datasheet HTML 40Page - STMicroelectronics TDA7514 Datasheet HTML 41Page - STMicroelectronics TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
43/74
TDA7514
Table 38. SUBADDRESS 22: Seek, ISS Adjacent Channel Detector
Table 39. SUBADDRESS 23: FM mixer1 adjust, FM AGC
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS adjacent channel detect. filter shape
Filt1
Filt2
Fo
Q
0
0
HP
HP
130
2.3
0
1
BP
HP
100
7.7
1
0
BP
BP
177
2.0
1
1
BP
BP
100
8.4
ISS adjacent channel detect. filter gain
0
23 dB
1
29 dB
ISS adjacent channel detect. filter desens
threshold at weak field strength
0
0
0.25 V
0
1
0.8 V
1
0
1.3 V
1
1
1.8 V
ISS adjacent channel detect. filter desens
slope at weak field strength
00
min
01
-
10
-
11
max
Seek
FM
AM AGC2 tau
0
Seek OFF
-
-
1
Seek ON
ISS disable short
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM mixer1 phase adjust.
00
00
-7°
00
01
-6°
00
10
-5°
--
--
-
01
11
0°
10
00
+1°
10
01
+2°
--
--
-
11
11
+8°
FM mixer1 gain adjust.
00
0%
01
-1%
10
1%
11
0%
x
FM NAGC threshold MSB (LSB in byte 26)
FM AGC topology
0
NAGC on, KAGC off
1
NAGC off, KAGC on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com