Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 53Page - STMicroelectronics TDA7514 Datasheet HTML 54Page - STMicroelectronics TDA7514 Datasheet HTML 55Page - STMicroelectronics TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics TDA7514 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
57/74
TDA7514
Table 63. SUBADDRESS 17: High cut, Noise Blanker, ADC, Stdec in Switch
(**) cfr. HCC/SB threshold table
Table 64.
SUBADDRESS 18: High Cut
(***) High Cut LPF corner frequency formula:
fhicut = fmax / ( 1 + N / 7.75)
with N = 0,1,..,31
and fmax = 4 kHz, 10 kHz or 20 kHz according to byte 28 bit 3 and 4
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Stereo decoder input switch
0
switch closed (signal can go into stereo decoder)
1
switch open (signal can not gon into stereo decoder)
Minimun and maximun Smeter thresholds for NB
0
0
2.2 , 4.3
0
1
3.2 , 4.6
1
0
2.7 , 4.5
1
1
3.7 , 4.7
NB max PEAK value generated from Smeter
0
0
1.8 V
0
1
1.5 V
1
0
1.1 V
11
OFF
HCC threshold generation mode (VHCH, VHCL)(**)
0
SNC OFF
1
SNC ON
Smeter ADC operation
0
ADC Convert Stop
1
ADC Convert Start
AM/FM mode selection for StereoDecoder
0
FM mode
1
AM mode
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Max/Min High Cut Frequency (***)
00000
20 kHz/ 10 kHz
00001
.
.....
11111
4 kHz/ 2 kHz
0
AM 7.2kHz LPF OFF
1
AM 7.2kHz LPF ON
High Cut Filter limiting (AM)
0
Fix Maximum High Cut Frequency
1
Fix Minimum High Cut Frequency
0
Fixed High Cut OFF
1
Fixed High Cut ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com