Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 71 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 66Page - STMicroelectronics TDA7514 Datasheet HTML 67Page - STMicroelectronics TDA7514 Datasheet HTML 68Page - STMicroelectronics TDA7514 Datasheet HTML 69Page - STMicroelectronics TDA7514 Datasheet HTML 70Page - STMicroelectronics TDA7514 Datasheet HTML 71Page - STMicroelectronics TDA7514 Datasheet HTML 72Page - STMicroelectronics TDA7514 Datasheet HTML 73Page - STMicroelectronics TDA7514 Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
71/74
TDA7514
The attenuator has been realized employing the "soft step" technique that reduces the audible DC click at
the speaker outputs by dividing the 1 dB step into several smaller-amplitude, longer duration transitions.
5.5.4
VOLUME CONTROL
The volume stage controls the level over a +15 dB..-79 dB + mute range in 1 dB steps. The volume atten-
uator is also realized with the soft step circuitry.
5.5.5
TREBLE FILTER
The treble filter consists of a second order resonating filter with programmable center frequency. The
boost/cut range is !15 dB in 1 dB steps.
5.5.6
BASS FILTER
The bass filter consists of a second order resonating filter with programmable center frequency and quality
factor. It is also possible to set and defeat the DC mode both in cut and in boost. The boost/cut range is
!15 dB in 1 dB steps and the attenuator features the soft step circuitry.
5.5.7
SPEAKER ATTENUATORS
The speaker attenuator driver circuit allows separate volume control for each of the four outputs. The level
is controlled over a +15 dB.. -79 dB + mute range in 1 dB steps with soft step.
An output buffer provides DC shift to a typical 4V level and an AC gain of +4 dB.
The source of each speaker output circuit can be chose among the following configurations:
– tone control output via external AC coupling (coupling shared by front and rear channels);
– tone control output via internal DC coupling (coupling shared by front and rear channels);
– rear seat audio (only for rear channels).
It is furthermore possible to mix an external source (typically the chime source) on all the four outputs,
selecting on which outputs the mixing must take place (any combination is allowed). The volume of the
mixing source cannot be changed internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com