Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 21Page - STMicroelectronics TDA7514 Datasheet HTML 22Page - STMicroelectronics TDA7514 Datasheet HTML 23Page - STMicroelectronics TDA7514 Datasheet HTML 24Page - STMicroelectronics TDA7514 Datasheet HTML 25Page - STMicroelectronics TDA7514 Datasheet HTML 26Page - STMicroelectronics TDA7514 Datasheet HTML 27Page - STMicroelectronics TDA7514 Datasheet HTML 28Page - STMicroelectronics TDA7514 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
25/74
TDA7514
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Q4
1.8
2
2.2
DCGAIN
Bass-DC-Gain
DC = off
-1
0
+1
dB
DC = on (shelving filter) @
gain =
±15 dB
±10
dB
TREBLE CONTROL
CRANGE
Clipping Level
±14
±15
±16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fc
Center Frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
SPEAKER ATTENUATORS
Rin
Input Impedance
35
50
65
k
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
CHIME INPUT
G
Gain to speaker outputs
-19
dB
AUDIO OUTPUTS
VCL
Clipping level
d = 0.3%
1.8
2
VRMS
ROUT
Output impedance
30
100
W
RL
Output Load Resistance
2
k
CL
Output Load Capacitor
10
nF
VAC
AC gain
4
dB
VDC
DC Voltage Level
3.8
4.0
4.2
V
GENERAL
eNO
Output Noise
BW=20Hz to 20 kHz all gain =
0dB
20
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; Vo=2VRMS
100
dB
d
Distortion
VIN=1VRMS; all stages 0dB
0.005
0.1
%
Sc
Channel Separation Left/Right
80
100
dB
Table 9. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com