Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics TDA7514 Datasheet HTML 19Page - STMicroelectronics TDA7514 Datasheet HTML 20Page - STMicroelectronics TDA7514 Datasheet HTML 21Page - STMicroelectronics TDA7514 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
TDA7514
18/74
3.4.1
NOTES TO THE CHARACTERISTICS
3.4.1.1 Intermodulation Suppression
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
3.4.1.2 Traffic Radio (V.F.) Suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier (f=57kHz, fm=23Hz AM,
m=60%)
3.4.1.3 SCA ( Subsidiary Communications Authorization )
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA - subcarrier ( fS = 67kHz, unmodu-
lated ).
3.4.1.4 ACI ( Adjacent Channel Interference )
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal ( fS = 110kHz or 186kHz,
unmodulated).
α2
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------------------- ;
f
s
210kHz
⋅
() 19kHz
–
=
=
α3
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------------------- ;
f
s
3.13 kHz
⋅
() 38kHz
–
=
=
α57 V·WF
()
V
O sign al
() at1kHz
()
V
O spurious
() at1kHz 23kHz
±
()
------------------------------------------------------------------------------------------ ""
=
α67
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------------------- ;
f
s
2.38kHz
() 67kHz
–
=
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------------------- ;
f
s
110kHz
3.38kHz
()
–
=
=
α190
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------------------- ;
f
s
186kHz
5.38kHz
()
–
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com