Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7514 Datasheet(PDF) 67 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 63Page - STMicroelectronics TDA7514 Datasheet HTML 64Page - STMicroelectronics TDA7514 Datasheet HTML 65Page - STMicroelectronics TDA7514 Datasheet HTML 66Page - STMicroelectronics TDA7514 Datasheet HTML 67Page - STMicroelectronics TDA7514 Datasheet HTML 68Page - STMicroelectronics TDA7514 Datasheet HTML 69Page - STMicroelectronics TDA7514 Datasheet HTML 70Page - STMicroelectronics TDA7514 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
67/74
TDA7514
5.3.3
PLL
Tuning is achieved thanks to a high speed PLL for fast RDS operation. The VCO input (after the first di-
vider) is divided through a swallow counter-divider and compared to the divided 10.25 MHz reference fre-
quency (fully programmable divider).
In FM the absence of a locked condition can be detected in order to automatically enable the charge pump
current and loop filter bandwidth to increase in order to speed up the locking process. Automatic switch
back to a lower charge pump current and narrower loop filter bandwidth can also be forced by the lock
detector, thus achieving a slower but less noisy operation of the tuning loop. Both the high and the low
values of the charge pump current are programmable.
Two separate loop filters can be used for optimized AM and FM operation.
5.3.4
STEREO DECODER SECTION
The stereo decoder is crossed by both the AM and the FM signal. The AM signal is only low-pass filtered
and subjected to audio noise blanking if necessary; the FM MPX signal is stereo demodulated, low-pass
filtered and blanked against impulse noise if necessary.
5.4 FM MODE
5.4.1
INPUT STAGE
The FM stereo decoder input stage provides a high-input impedance buffering. The input impedance is
opened during the RDS AF update phase by software or external pin control (programmable function) in
order not to discharge the coupling capacitor placed between the tuner output and the stereo decoder in-
put, and so speed up the return to normal listening.
The audio noise blanker circuit is fed from the stereo decoder buffer output: when the input impedance is
open during RDS AF update, the noise blanker is still able to work for a short period of time before the
capacitance associated with the buffer input stage is discharged.
During RDS AF update the output of the buffer is muted to avoid letting transient signals leak through the
audio processor section.
An additional input series switch has been added to perform the stereo decoder auto zero function (see
also Audio Processor section). This switch must be opened before selecting the tuner as the audio source
in order to allow the stereo decoder internal filters to discharge before the offset measurement is per-
formed.
The input buffer in FM mode is followed by an 80 kHz low-pass filter to remove high frequency noise.
5.4.2
PLL
The buffered MPX signal is fed to a 19 kHz-centered band-pass filter and subsequently to a PLL used to
regenerate the 38 kHz carrier for stereo demodulation.
The PLL compares the pilot tone with the divided output frequency of an internal VCO running at 456 kHz,
locking its operating frequency and phase to that of the pilot tone. The PLL status can be stored during
the RDS AF update phase in order to speed up subsequent returning to normal listening conditions.
Since the VCO tuning range is small, the VCO needs being adjusted to a setting that ensures lock is
achieved when a pilot tone is present. On the current TDA7514 version it is necessary to perform this
alignment during the car-radio test phase, by injecting a 19 kHz tone into the stereo decoder and changing
the VCO programming until a lock condition is reached.
The presence of a stereo signal is detected in this block by measuring the peak value of the pilot tone and
comparing it with a programmable threshold. The resulting information can be read back via I2C bus (audio
processor/stereo decoder I2C read byte).
5.4.3
STEREO DEMODULATOR AND BLEND
The MPX signal is fed to the stereo demodulator where the L and R outputs are derived. In case of a stereo
transmission in weak field or bad reception conditions (see FM tuner quality section) a gradual transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com