Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 194 page
background image
156
3706A–MICRO–9/09
AT89LP6440 - Preliminary
• P4.2/RST cannot be connected directly to V
DD and any external capacitors connected to RST
must be removed.
• All external reset sources must be removed.
• If P4.3 needs to be debugged in systems using the crystal oscillator, the external clock option
should be selected. The quartz crystal and any capacitors on XTAL1 or XTAL2 must be
removed and an external clock signal must be driven on XTAL1. Some emulator systems may
provide a user-configurable clock for this purpose.
Figure 24-1. AT89LP6440 On-Chip Debug Connections
24.2
Software Breakpoints
The AT89LP6440 microcontroller includes a BREAK instruction for implementing program mem-
ory breakpoints in software. A software breakpoint can be inserted manually by placing the
BREAK instruction in the program code. Some emulator systems may allow for automatic inser-
tion/deletion of software breakpoints. The Flash memory must be re-programmed each time a
software breakpoint is changed. Frequent insertions/deletions of software breakpoints will
reduce the endurance of the nonvolatile memory. Devices used for debugging purposes should
not be shipped to end customers. The BREAK instruction is treated as a two-cycle NOP when
OCD is disabled.
24.3
Limitations of On-Chip Debug
The AT89LP6440 is a fully-featured microcontroller that multiplexes several functions on its lim-
ited I/O pins. Some device functionality must be sacrificed to provide resources for On-Chip
Debugging. The On-Chip Debug System has the following limitations:
•The Debug Clock pin (DCL) is physically located on that same pin as Port Pin P4.2 and the
External Reset (RST). Therefore, neither P4.2 nor an external reset source may be emulated
when OCD is enabled.
CLK = Internal RC
VDD
XTAL1
P4.2/RST
GND
DCL
DDA
CLK = External Clock
VDD
XTAL2
P4.2/RST
GND
DCL
DDA
XTAL1
CLK
CLK = Crystal Oscillator
VDD
P4.3
P4.2/RST
GND
DCL
DDA
XTAL1
XTAL2
AB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com