Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 152 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 148Page - ATMEL Corporation AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 194 page
background image
152
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22.1.11
MOVX A, @/DPTR
Function: Move External using Alternate Data Pointer
Description: The MOVX instruction transfesr data from external data memory to the Accumulator. The unselected Data
Pointer generates a 16-bit address which targets EDATA, FDATA or XDATA.
Example: DPS = 0, DPTR0 contains 0123H and DPTR1 contains 4567H. The following instruction sequence,
MOVX
A, @DPTR
MOVX
@/DPTR, A
copies the data from address 0123H to 4567H.
Bytes: 2
Cycles: 3 (EDATA)
5 (FDATA or XDATA)
Encoding:
A5
1
110
000
0
Operation: MOVX
IF (DPS) = 0
(A)
← ((DPTR1))
ELSE
(A)
← ((DPTR0))
22.1.12
MOVX @/DPTR, A
Function: Move External using Alternate Data Pointer
Description: The MOVX instruction transfesr data from the Accumulator to external data memory. The unselected Data
Pointer generates a 16-bit address which targets EDATA, FDATA or XDATA.
Example: DPS = 0, DPTR0 contains 0123H and DPTR1 contains 4567H. The following instruction sequence,
MOVX
A, @DPTR
MOVX
@/DPTR, A
copies the data from address 0123H to 4567H.
Bytes: 2
Cycles: 3 (EDATA)
5 (FDATA or XDATA)
Encoding:
A5
1
111
000
0
Operation: MOVX
IF (DPS) = 0
THEN
((DPTR1))
← (A)
ELSE
((DPTR0))
← (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com