Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 146Page - ATMEL Corporation AT89LP6440 Datasheet HTML 147Page - ATMEL Corporation AT89LP6440 Datasheet HTML 148Page - ATMEL Corporation AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 194 page
background image
150
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22.1.7
LSL M
Function: Shift MAC Accumulator Left Logically
Description: The forty bits in the M register are shifted one bit to the left. Bit 0 is cleared. No flags are affected.
Example: The M register holds the value 0C5B1A29384H. The following instruction,
LSL M
leaves the M register holding the value 8B63452708H.
Bytes: 2
Cycles: 2
Encoding:
A5
0
010
001
1
Operation: LSL
(Mn+1) ←(Mn) n = 0 - 38
(M0) ← 0
22.1.8
MOVC A, @A+/DPTR
Function: Move code byte relative to Alternate Data Pointer
Description: The MOVC instructions load the Accumulator with a code byte or constant from program memory. The address
of the byte fetched is the sum of the original unsigned 8-bit Accumulator contents and the contents of the
unselected Data Pointer. The base register is not altered. Sixteen-bit addition is performed so a carry-out from
the low-order eight bits may propagate through higher-order bits. No flags are affected.
Example: A value between 0 and 3 is in the Accumulator. The following instructions will translate the value in the
Accumulator to one of four values defined by the DB (define byte) directive.
MOV
/DPTR, #TABLE
MOVC
A, @A+PC
RET
TABLE:
DB
66H
DB
77H
DB
88H
DB
99H
If the subroutine is called with the Accumulator equal to 01H, it returns with 77H in the Accumulator.
Bytes: 2
Cycles: 4
Encoding:
A5
1
001
001
1
Operation: MOVC
IF (DPS) = 0
THEN
(A)
←( (A) + (DPTR1) )
ELSE
(A)
←( (A) + (DPTR0) )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com