Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 145Page - ATMEL Corporation AT89LP6440 Datasheet HTML 146Page - ATMEL Corporation AT89LP6440 Datasheet HTML 147Page - ATMEL Corporation AT89LP6440 Datasheet HTML 148Page - ATMEL Corporation AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 194 page
background image
149
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22.1.5
INC /DPTR
Function: Increment Alternate Data Pointer
Description: INC /DPTR increments the unselected 16-bit data pointer by 1. A 16-bit increment (modulo 216 ) is performed,
and an overflow of the low-order byte of the data pointer from 0FFH to 00H increments the high-order byte. No
flags are affected.
Example: Registers DP1H and DP1L contain 12H and 0FEH, respectively, and DPS = 0. The following instruction
sequence,
INC
/DPTR
INC
/DPTR
INC
/DPTR
changes DP1H and DP1L to 13H and 01H.
Bytes: 2
Cycles: 3
Encoding:
A5
1
010
001
1
Operation: INC
IF (DPS) = 0
THEN
(DPTR1)
← (DPTR1) + 1
ELSE
(DPTR0)
← (DPTR0) + 1
22.1.6
JMP @A+PC
Function: Jump indirect relative to PC
Description: JMP @A+PC adds the eight-bit unsigned contents of the Accumulator to the program counter, which is first
incremented by two. This is the address for subsequent instruction fetches. Sixteen-bit addition is performed
(modulo 216): a carry-out from the low-order eight bits propagates through the higher-order bits. The
Accumulator is not altered. No flags are affected.
Example: An even number from 0 to 6 is in the Accumulator. The following sequence of instructions branches to one of four
AJMP instructions in a jump table starting at JMP_TBL.
JMP
@A + PC
JMP_TBL:
AJMP LABEL0
AJMP LABEL1
AJMP LABEL2
AJMP LABEL3
If the Accumulator equals 04H when starting this sequence, execution jumps to label LABEL2. Because AJMP is
a 2-byte instruction, the jump instructions start at every other address.
Bytes: 2
Cycles: 3
Encoding:
A5
0
111
001
1
Operation: JMP
(PC)
←(A) + (PC) + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com