Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 153 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 194 page
background image
153
3706A–MICRO–9/09
AT89LP6440 - Preliminary
23. Register Index
Table 23-1.
Special Function Register Cross Reference
Name
Address
Description Index
ACC
E0H
ACSRA
97H
Table 19-1 on page 130
ACSRB
9FH
Table 19-2 on page 131
AREF
AFH
Table 19-3 on page 132
AUXR
8EH
Table 3-4 on page 17
AX
E1H
Section 5.1 on page 23
BF0H
BX
F7H
Section 5.1 on page 23
CLKREG
8FH
Table 6-2 on page 32
DADC
D9H
Table 20-2 on page 139
DADH
DDH
Table 20-4 on page 139
DADI
DAH
Table 20-3 on page 139
DADL
DCH
Table 20-3 on page 139
DPCF (AUXR1)
A2H
Table 5-5 on page 27
DPH0
83H
Section 5.2 on page 24
DPH1
85H
Section 5.2 on page 24
DPL0
82H
Section 5.2 on page 24
DPL1
83H
Section 5.2 on page 24
DSPR
E2H
Table 5-1 on page 25
FIRD
E3H
Section 5.2.2.3 on page 28
GPIEN
9CH
Table 15-3 on page 83
GPIF
9DH
Table 15-4 on page 83
GPLS
9BH
Table 15-2 on page 83
GPMOD
9AH
Table 15-1 on page 83
IE
A8H
Table 9-2 on page 41
IE2
B4H
Table 9-3 on page 42
IP
B8H
Table 9-4 on page 42
IP2
B5H
Table 9-5 on page 42
IPH
B7H
Table 9-6 on page 43
IPH2
B6H
Table 9-7 on page 43
MACH
E5H
Section 5.1 on page 23
MACL
E4H
Section 5.1 on page 23
MEMCON
96H
Table 3-3 on page 16
P0
80H
Table 10-3 on page 44
P0M0
BAH
Table 10-2 and Table 10-3 on page 44
P0M1
BBH
Table 10-2 and Table 10-3 on page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com