Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 151 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 147Page - ATMEL Corporation AT89LP6440 Datasheet HTML 148Page - ATMEL Corporation AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation AT89LP6440 Datasheet HTML 152Page - ATMEL Corporation AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 194 page
background image
151
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22.1.9
MAC AB
Function: Multiply and Accumulate
Description: MAC AB multiplies the signed 16-bit integers in the register pairs {AX, A} and {BX, B} and adds the 32-bit product
to the 40-bit M register. The low-order bytes of the 16-bit operands are stored in A and B, and the high-order
bytes in AX and BX respectively. The four operand registers are unaffected by the operation. If the addition of the
product to the accumulated sum in M results in a two's complement overflow, the overflow flag is set; otherwise it
is not cleared. The carry flag is set if the result is negative and cleared if positive.
Example: Originally the Accumulator holds the value 80 (50H). Register B holds the value 160 (0A0H). The instruction,
MAC AB
will give the product 12, 800 (3200H), so B is changed to 32H (00110010B) and the Accumulator is cleared. The
overflow flag is set, carry is cleared.
Bytes: 2
Cycles: 9
Encoding:
A5
1
010
010
0
Operation: MAC
(M
39-0) ← (M) + { (AX), (A) } X { (BX), (B) }
22.1.10
MOV /DPTR, #data16
Function: Load Alternate Data Pointer with a 16-bit constant
Description: MOV /DPTR, #data16 loads the unselected Data Pointer with the 16-bit constant indicated. The third byte is the
high-order byte, while the fourth byte holds the lower-order byte. No flags are affected.
Example: When DPS = 0, the instruction sequence,
MOV
DPTR, # 1234H
MOV /DPTR, # 5678H
loads the value 1234H into the first Data Pointer: DPH0 holds 12H and DPL0 holds 34H; and loads the value
5678H into the second Data Pointer: DPH1 hold 56H and DPL1 holds 78H.
Bytes: 2
Cycles: 3
Encoding:
A5
90
immed. data 15-8
immed. data 7-0
Operation: MOV
IF (DPS) = 0
THEN
(DP1H)
← #data
15-8
(DP1L)
← #data
7-0
ELSE
(DP0H)
← #data
15-8
(DP0L)
← #data
7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com