Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 143Page - ATMEL Corporation AT89LP6440 Datasheet HTML 144Page - ATMEL Corporation AT89LP6440 Datasheet HTML 145Page - ATMEL Corporation AT89LP6440 Datasheet HTML 146Page - ATMEL Corporation AT89LP6440 Datasheet HTML 147Page - ATMEL Corporation AT89LP6440 Datasheet HTML 148Page - ATMEL Corporation AT89LP6440 Datasheet HTML 149Page - ATMEL Corporation AT89LP6440 Datasheet HTML 150Page - ATMEL Corporation AT89LP6440 Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 194 page
background image
147
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22.1
Instruction Set Extensions
The following instructions are extensions to the standard 8051 instruction set that provide
enhanced capabilities not found in standard 8051 devices. All extended instructions start with an
A5H escape code. For this reason random A5H reserved codes should not be placed in the
instruction stream even though other devices may have treated these as NOPs.
Other AT89LP devices may not support all of these instructions.
22.1.1
ASR M
Function: Shift MAC Accumulator Right Arithmetically
Description: The forty bits in the M register are shifted one bit to the right. Bit 39 retains its value to preserve the sign of the
value. No flags are affected.
Example: The M register holds the value 0C5B1A29384H . The following instruction,
ASR M
leaves the M register holding the value 0E2D8D149C2H.
Bytes: 2
Cycles: 2
Encoding:
A5
0
000
001
1
Operation: ASR
(Mn) ←(Mn + 1) n = 0 - 38
(M
39) ←(M39)
22.1.2
BREAK
Function: Software Breakpoint (Halt execution)
Description: BREAK transfers control from normal execution to the On-Chip Debug (OCD) handler if OCD is enabled. The PC
is left pointing to the following instruction. If OCD is disabled, BREAK acts as a double NOP. No flags are
affected.
Example: If On-Chip Debugging is allowed, the following instruction,
BREAK
will halt instruction execution prior to the immediately following instruction. If debugging is not allowed, the
BREAK is treated as a double NOP.
Bytes: 2
Cycles: 2
Encoding:
A5
0
000
000
0
Operation: BREAK
(PC)
←(PC) + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com