Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
Timer
Technical Data
MC68HC705P9 — Rev. 4.0
116
Timer
MOTOROLA
9.8 Low-Power Modes
The STOP and WAIT instructions put the MCU in low-power
consumption standby modes.
9.8.1 Stop Mode
The STOP instruction suspends the timer counter. Upon exit from stop
mode by external reset:
•
The timer counter resumes counting from $FFFC.
•
An input capture edge during stop mode does not affect the ICF
bit or the input capture registers.
Upon exit from stop mode by external interrupt:
•
The counter resumes counting from the suspended value.
•
An input capture edge during stop mode sets the ICF bit and
transfers the suspended timer counter value to the input capture
registers.
9.8.2 Wait Mode
The timer remains active after a WAIT instruction. Any enabled timer
interrupt request can bring the MCU out of wait mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com