Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6416 Datasheet(PDF) 107 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 107 Page - Texas Instruments

Back Button C6416 Datasheet HTML 103Page - Texas Instruments C6416 Datasheet HTML 104Page - Texas Instruments C6416 Datasheet HTML 105Page - Texas Instruments C6416 Datasheet HTML 106Page - Texas Instruments C6416 Datasheet HTML 107Page - Texas Instruments C6416 Datasheet HTML 108Page - Texas Instruments C6416 Datasheet HTML 109Page - Texas Instruments C6416 Datasheet HTML 110Page - Texas Instruments C6416 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
107
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
EXTERNAL INTERRUPT TIMING
timing requirements for external interrupts† (see Figure 38)
MIN
MAX
1
tw(ILOW)
Width of the NMI interrupt pulse low
4P*
ns
1
tw(ILOW)
Width of the EXT_INT interrupt pulse low
8P*
ns
2
tw(IHIGH)
Width of the NMI interrupt pulse high
4P*
ns
2
tw(IHIGH)
Width of the EXT_INT interrupt pulse high
8P*
ns
*This parameter is not production tested.
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
2
1
EXT_INTx, NMI
Figure 38. External/NMI Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com