Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 135 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
135/368
IN data memory structure
All endpoints that support in direction transactions (that is, endpoints transmitting data to the
USB Host) must implement the memory structure given in Figure 43, where each in buffer
must be associated to a descriptor. Table 40 reports the bits assignments for in buffer status
quadlet.
The application fills the data buffer, then updates its status in the descriptor, and sets the
poll demand bit. Besides, the DMA fetches this descriptor and processes it, moving on in
this fashion until it reaches the end of the descriptor chain.
Table 39.
Out data memory: buffer status quadlet bit assignments (for Isochronous
OUT)
Bit
Name
Description
[31:30]
BS
Buffer status.
This 2 bit field reports the status of the out buffer, according to encoding:
– 2'b00 Host ready. = The descriptor is available to be processed by DMA.
– 2’b01 DMA busy. = The DMA is still processing the descriptor.
– 2'b10 DMA done. = Buffer data transfer completed by DMA.
– 2’b11 Host busy. = The application is processing the descriptor.
[29:28]
Rx Sts
Receive status.
This 2 bit field reports the status of the received out data (according to
encoding), reflecting whether the out data has been correctly received or
some errors occurred:
– 2'b00 = Success.
– 2’b01 = DESERR (descriptor transfer error).
– 2'b10 = Reserved.
– 2’b11 = BUFFER (data transfer error).
Note: In particular, a DESERR receive status indicates that the out buffer
status is something other than Host ready (that is, BS not equal to 'b00)
during descriptor fetch.
[27]
L
If set, it indicates that this descriptor is the last one of the chain.
[26:16]
Frame
Number
11 bit frame number in which the current iso-out packet is received.
[15:14]
PID
ISO received data PID.
This 2 bit field indicates the data PID (according to encoding) for the
received ISO packet which is contained in the descriptor:
– 2’b00 = DATA0
– 2'b01 = DATA1
– 2'b10 = DATA2
– 2'b11 = MDATA
Note: The PID field is for HS ISO transactions only. For FS ISO transactions,
this field is don't care.
[13:00]
Rx Bytes
Received number of bytes.
The value of this field gives the received number of bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com