Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 137 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
137/368
Table 41.
In data memory:buffer status quadlet bit assignments (for isochronous)
Bit
Name
Description
[31:30]
BS
Buffer status.
This 2 bit field reports the status of the in buffer, according to encoding:
– 2‘b00, Host ready. The descriptor is available to be processed by DMA.
– 2‘b01, DMA busy. The DMA is still processing the descriptor.
– 2‘b10, DMA done. Buffer data transfer completed by DMA.
– 2‘b11, Host busy. The application is processing the descriptor.
[29:28]
Tx Sts
Transmit status.
This 2 bit field reports the status of the transmitted in data (according to
encoding), reflecting whether the in data has been correctly transmitted
or some errors occurred:
– 2‘b00 = Success.
– 2‘b01 = DESERR (descriptor transfer error).
– 2‘b10 = Reserved.
– 2‘b11 = BUFFER (data transfer error).
[27]
L
If set, it indicates that this descriptor is the last one of the chain.
[26:16]
Frame
Number (ISO)
11-bsit frame number in which the current iso-out packet is transmitted.
This 11 bit field gives the frame number in which the current iso-in packet
is transmitted, according to the following bits assignments:
[26:19] = Millisecond frame number.
[18:16] = Micro-frame number.
[15:14]
PID
Number of packets per microframe.
This 2 bit field indicates the number of packets per microframe for
isochronous (iso) in transfers during high-speed (hs) operation. The
application must program these bits in the descriptor (and they must be
the same for all descriptors of the same microframe) according to
encoding, such that the subsystem core returns an isochronous packet
with an appropriate data PID per frame:
– 2‘b00 = 1
– 2‘b01 = 1
– 2‘b10 = 2
– 2‘b11 = 3
Note: The PID field is for HS ISO transactions only. For FS ISO
transactions, this field is reserved.
[13:00]
Tx Bytes
(ISO)
Number of bytes to be transmitted.
The value of this field gives the number of bytes to be transmitted to USB
Host. In case of non-iso in, its 16 bit length allows values ranging from 0
to 64 kbytes. for iso in transactions, a maximum value of 16 kbytes is
allowed by the 14 bit length of the Tx bytes field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com