Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 205 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics RM0319 Datasheet HTML 204Page - STMicroelectronics RM0319 Datasheet HTML 205Page - STMicroelectronics RM0319 Datasheet HTML 206Page - STMicroelectronics RM0319 Datasheet HTML 207Page - STMicroelectronics RM0319 Datasheet HTML 208Page - STMicroelectronics RM0319 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
205/368
15.4.15
Configuring a FIFO buffer
With the exception of the EoB bit, the configuration of receive objects belonging to a FIFO
Buffer is the same as the configuration of a (single) receive object, see Section 15.4.13
To concatenate two or more message objects into a FIFO buffer, the identifiers and masks
of these message objects (if used) have to be programmed to matching values. Due to the
implicit priority of the message objects, the message object with the lowest number will be
the first message object of the FIFO Buffer. The EoB bit of all message objects of a FIFO
Buffer except the last have to be programmed to zero. The EoB bits of the last message
object of a FIFO Buffer is set to one, configuring it as the end of the block.
15.4.16
Receiving messages with FIFO buffers
Received messages with identifiers matching to a FIFO buffer are stored into a message
object of this FIFO buffer starting with the message object with the lowest message number.
When a message is stored into a message object of a FIFO buffer the NewDat bit of this
message object is set. By setting NewDat while EoB is zero the message object is locked for
further write accesses by the message handler until the CPU has written the NewDat bit
back to zero.
Messages are stored into a FIFO buffer until the last message object of this FIFO buffer is
reached. If none of the preceding message objects is released by writing NewDat to zero, all
further messages for this FIFO buffer will be written into the last message object of the FIFO
Buffer and therefore overwrite previous message.
15.4.17
Reading from a FIFO buffer
When the CPU transfers the contents of message object to the IFx Message Bugger
registers by writing its number to the IFx Command Request register, the corresponding
Command Mask register should be programmed the way that bits NewDat and IntPnd are
reset to zero (TxRqst/NewDat = ‘1’ and ClrIntPnd = ‘1’). The values of these bits in the
Message Control register always reflect the status before resetting the bits.
To assure the correct function of a FIFO Buffer, the CPU should read out the message
objects starting at the FIFO Object with the lowest message number.
Figure 73 shows how a set of message objects which are concatenated to a FIFO Buffer
can be handled by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com