Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 217 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics RM0319 Datasheet HTML 216Page - STMicroelectronics RM0319 Datasheet HTML 217Page - STMicroelectronics RM0319 Datasheet HTML 218Page - STMicroelectronics RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 368 page
background image
RM0319
Asynchronous serial ports (UART)
Doc ID 022640 Rev 3
217/368
16
Asynchronous serial ports (UART)
This chapter focuses on UART functionality and operation.
For technical details about the programmable registers related to the UART, refer to the
UART registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
16.1
Overview
Asynchronous serial ports (commonly referred as UARTs) perform the main task in
computer serial communication by converting incoming parallel information into serial data
and incoming serial information into parallel data that can be sent on a communication line
connected to an external peripheral device.
SPEAr320S integrates 7 instances of UART and an extra UART interface with output enable
for a RS485 transceiver.
16.2
Main features
●
Separate 16 x 8 (16 location deep x 8-bit wide) transmit and 16 x 12 receive FIFOs to
reduce CPU interrupts
●
Provides programmable FIFO disabling for 1-byte depth
●
Programmable baud rate generator that enables division of the reference clock by
(1 x 16) to (65535 x 16) and generates an internal x16 clock. The divisor can be a
fractional number.
●
Provides standard asynchronous communication bits (start, stop and parity) which are
added prior transmission and removed on reception
●
Supplies independent masking of transmit or receive FIFOs, receive timeout, and error
condition interrupts. According to the configuration mode selected, hardware and
software flow control as well as a modem interface is available.
●
Supports DMA
●
Detects false start bit
●
Generates and detects line break
●
Fully-programmable serial interface characteristics:
–
data can be 5, 6, 7, or 8 bits
–
even, odd, stick, or no-parity bit generation and detection
–
1 or 2 stop bit generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com