| Electronic Components Datasheet Search |
|
RM0319 Datasheet(PDF) 221 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 221 Page - STMicroelectronics |
|
221 / 368 page ![]() RM0319 Asynchronous serial ports (UART) Doc ID 022640 Rev 3 221/368 implemented and are active at all times. Synchronization of control signal is performed on both directions of data flow. 16.3.10 RS485 interface In addition to the 7 UART interfaces, SPEAr320S provides an extra UART interface with an output enable pin (UART_RS485_OE) for an RS485 transceiver. The output status can be used as valid or invalid, depending on the configuration of the output enable pin. For example: UART_RS485_OE = 1’b1 (output is valid) UART_RS485_OE = 1’b0 (output is invalid) 16.4 Interrupts Table 63 shows a summary of the 11 maskable interrupts generated within the UART. These interrupts are combined to form four individual interrupt outputs and one which is the logical OR of the individual outputs. The interrupts from UART1 to UART2 are further combined to generate a single interrupt at the RAS interface. The individual interrupt source can be determined from RAS interrupt status register. Any individual interrupt can be enabled or disabled by changing the corresponding mask bit in the UARTIMSC register. The status of the individual interrupt sources can be read either from the UARTRIS register for raw status or from the UARTMIS register for the masked status. Table 63. UART interrupt summary together with combined outputs Name Source Combined Outputs UARTRXINTR Receive FIFO UARTRXINTR UARTINTR UARTTXINTR Transmit FIFO UARTTXINTR UARTRTINTR Receive time-out in Receive FIFO UARTRTINTR UARTMSINTR NA NA UARTCTSINTR UARTDCDINTR UARTDCSRINTR UARTOEINTR Overrun error. UARTEINTR UARTBEINTR Break error (in reception) UARTPEINTR Parity error in the received character UARTFEINTR Framing error in the received character |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |