Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 225 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics RM0319 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 368 page
background image
RM0319
I2C bus ports (I2C)
Doc ID 022640 Rev 3
225/368
17
I2C bus ports (I2C)
This chapter focuses on I2C functionality and operation.
For technical details about the programmable registers related to the I2C, refer to the I2C
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
17.1
Overview
The I2C controller provides an APB interface to the processor to access the two-wire serial
I2C bus. It can be used to connect any device which conforms to the I2C-Bus Specification
from Philips.
17.2
Main features
●
Compliance to the I2C-bus specification from Phillips
●
Operates in three different modes:
–
Standard-speed mode (data rates up to 100 Kb/s)
–
Fast-speed mode (data rates up to 400 Kb/s)
–
High-speed mode (data rates up to 3.4 Mb/s)
●
Provides clock synchronization.
●
Supports either master (only in a single master environment) or slave I2C operation
mode.
●
Supports only slave operation in multimaster environment;
●
Provides 7-bit or 10-bit addressing both in master and slave mode;
●
Supports 7-bit or 10-bit combined format transfers.
●
Provides slave bulk transfer mode.
●
Ignores CBUS addresses (an older ancestor of I2C that used to share the I2C bus).
●
Transmits and receives buffers.
●
Provides interrupt or polled-mode operation.
●
Handles bit and byte waiting at all bus speeds.
●
Provides digital filter for the received SDA and SCL lines.
●
Provides a DMA handshaking interface compatible with SPEArTM Basic DMA controller
handshaking interface.
●
Provides 8-bit or 16-bit wide transaction on the APB bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com