Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 227 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics RM0319 Datasheet HTML 229Page - STMicroelectronics RM0319 Datasheet HTML 230Page - STMicroelectronics RM0319 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 368 page
background image
RM0319
I2C bus ports (I2C)
Doc ID 022640 Rev 3
227/368
Figure 82.
START and STOP conditions [from I2C-bus specification]
Addressing slave protocol
Two address formats are supported: the 7-bit address format and the 10-bit address format.
In case of the 7-bit address format, the first seven bits (bits 7 to 1) of the first byte sent on
the bus after the START condition set the slave address, while the LSB is the data direction
bit. In particular, if LSB is set to ‘b0, the master writes to the slave (WRITE operation),
otherwise (LSB set to ‘b1) the master reads from the slave (READ operation). Data is
transmitted from the MSB.
In case of 10-bit addressing, two bytes are transferred following a START condition to set
the 10-bit address. The first five bits (7 to 3) notify the slaves that this is a 10-bit transfer,
followed by the next two bits (2 to 1) which set the bits 9 and 8 of the 10-bit slave address.
The LSB of the first byte is the RW bit. Table 66 lists the special purpose and reserved first
byte addresses. The second byte transferred sets bits 7 to 0 of the 10-bit slave address.
Table 66.
First byte assignment in addressing slave protocol
First byte sent
Description
BIT [7:1]
RW BIT [0]
7’b0000 000
1‘h0
General call address. The I2C controller places the data in
the receive buffer and issues a general call interrupt
(Section 17.6).
7’b0000 000
1‘h1
START byte (see START byte transfer protocol section).
7’h0000 001
1’hX
CBUS address. The I2C controller ignores these accesses.
7’h0000 010
1’hX
Reserved
7’h0000 011
1’hX
Reserved
7’h0000 1XX
1’hX
High-speed master code
7’h1111 1XX
1’hX
Reserved
7’h1111 0XX
1’hX
10-bit slave addressing
SDA
SCL
S
P
START Condition
STOP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com