Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 280 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 280 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 276Page - STMicroelectronics RM0319 Datasheet HTML 277Page - STMicroelectronics RM0319 Datasheet HTML 278Page - STMicroelectronics RM0319 Datasheet HTML 279Page - STMicroelectronics RM0319 Datasheet HTML 280Page - STMicroelectronics RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics RM0319 Datasheet HTML 283Page - STMicroelectronics RM0319 Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 368 page
background image
LCD display controller (CLCD)
RM0319
280/368
Doc ID 022640 Rev 3
24.4.8
Panel clock generator
The output of the panel clock generator block is the panel clock. This is a divided down
version of CLCDCLK. It can be programmed in the range CLCDCLK/2 to CLCDCLK/33 to
match the bpp data rate of the LCD panel.
24.4.9
Timing controller
The primary function of the timing controller block is to generate the horizontal and vertical
timing panel signals. It also provides panel bias/enable signal. These timings are all register
programmable through the AMBA AHB slave interface.
24.4.10
Interrupt generation
The CLCD provides four individually maskable interrupts and a single combined interrupt.
The single combined interrupt is asserted if any of the combined interrupts are asserted and
unmasked. The Interrupts are generated for the following events:
●
Master bus error
●
Vertical compare
●
LCD next base address update
●
FIFO underflow
See also: Section 24.6: Interrupts.
Master bus error interrupt
The master bus error interrupt is asserted when an ERROR response is received by the
master interface during a transaction with a slave. When such an error is encountered, the
master interface enters an error state and remains in this state until clearance of the error
has been signaled to it.
Vertical compare interrupt
The vertical compare interrupt asserts when one of four vertical display regions, selected
using the LCD Control Register, is reached.
●
vertical synchronization
●
back porch
●
active video
●
front porch
LCD Next base address update interrupt
The LCD next base address update interrupt asserts when either the LCDUPBASE or
LCDLPBASE values have been transferred to the LCDUPCURR or LCDLPCURR
incrementers respectively. This signals to the system that it is safe to update the
LCDUPBASE or the LCDLPBASE Registers with new frame base addresses if required.
FIFO underflow interrupt
The FIFO underflow interrupt asserts when internal data is requested from an empty DMA
FIFO. Internally, individual upper and lower panel DMA FIFO underflow interrupt signals are
generated and CLCDFUFINTR is the single combined version of these.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com